Part Number Hot Search : 
4HCT57 MAX151 P2010 GJ3669 ZR4040 40002 40002 184X52
Product Description
Full Text Search
 

To Download 160CNQ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bulletin PD-2.316 05/00
160CNQ... SERIES
SCHOTTKY RECTIFIER 160 Amp
TO-249AA
Major Ratings and Characteristics Characteristics
IF(AV) Rectangular waveform VRRM range IFSM @ tp = 5 s sine VF TJ @ 80 Apk, T J = 125C (per leg) range
Description/Features The 160CNQ non isolated, center tap Schottky rectifier module series has been optimized for very low forward voltage drop, with moderate leakage. The proprietary barrier technology allows for reliable operation up to 150 C junction temperature. T y p i c a l applications are in switching power supplies, converters, freewheeling diodes, and reverse battery protection.
160CNQ... Units
160 35 to 45 6400 0.60 A V A V
150 C T J operation Isolated heatsink Center tap module High purity, high temperature epoxy encapsulation for enhanced mechanical strength and moisture resistance Very low forward voltage drop High frequency operation Guard ring for enhanced ruggedness and long term reliability Low profile, high current package
- 55 to 150
C
(NON ISOLATED BASE)
Outline TO-249AA Dimensions in millimeters and (inches)
www.irf.com
1
160CNQ... Series
Bulletin PD-2.316 05/00
Voltage Ratings
Part number
VR Max. DC Reverse Voltage (V) VRWM Max. Working Peak Reverse Voltage (V)
160CNQ035
35
160CNQ040
40
160CNQ045
45
Absolute Maximum Ratings
Parameters
IF(AV) Max. Average Forward Current IFSM EAS IAR * See Fig. 5 (Per Leg) (PerDevice)
160CNQ Units Conditions
80 160 6400 750 108 16 mJ A A 5s Sine or 3s Rect. pulse Following any rated load condition and with 10ms Sine or 6ms Rect. pulse rated VRRM applied A 50% duty cycle @ TC = 100 C, rectangular wave form
Max. Peak One Cycle Non-Repetitive Surge Current (Per Leg) * See Fig. 7 Non-RepetitiveAvalancheEnergy (Per Leg) RepetitiveAvalancheCurrent (Per Leg)
TJ = 25 C, I AS = 16 Amps, L = 0.84 mH Current decaying linearly to zero in 1 sec Frequency limited by TJ max. VA = 1.5 x VR typical
Electrical Specifications
Parameters
VFM Max. Forward Voltage Drop (Per Leg) * See Fig. 1 (1)
160CNQ Units Conditions
0.64 0.86 0.60 0.76 V V V V mA mA pF nH V/ s
(1) Pulse Width < 300s, Duty Cycle <2%
@ 80A @ 160A @ 80A @ 160A TJ = 25 C TJ = 125 C
TJ = 25 C TJ = 125 C VR = rated VR
IRM CT LS
Max. Reverse Leakage Current (Per Leg) * See Fig. 2 (1) Max. Junction Capacitance (Per Leg) Typical Series Inductance (Per Leg)
5 200 2600 8.0 10,000
VR = 5VDC (test signal range 100Khz to 1Mhz) 25C Measured from terminal hole to terminal hole
dv/dt Max. Voltage Rate of Change (Rated VR)
Thermal-Mechanical Specifications
Parameters
TJ Tstg Max. Junction Temperature Range Max. Storage Temperature Range
160CNQ Units Conditions
- 55 to 150 - 55 to 150 0.70 0.35 0.10 58 (2.0) Min. Max. 40 (35) 58 (50) C C C/W DCoperation C/W DCoperation C/W Mounting surface , smooth and greased g (oz.) Kg-cm (Ibf-in) JEDEC * See Fig. 4
RthJC Max. Thermal Resistance Junction to Case (Per Leg) RthJC Max. Thermal Resistance Junction to Case (Per Package) RthCS Typical Thermal Resistance, Case to Heatsink wt T Approximate Weight MountingTorque Case Style
TO - 249AA
2
www.irf.com
160CNQ... Series
Bulletin PD-2.316 05/00
1000
Reverse Current - IR (mA)
1000
T = 150C J
100
125C 100C 75C
10
1
50C
Instantaneous Forward Current - I F (A)
100
0.1
25C
0.01 0
T J = 150C T = 125C J
5
10 15 20 25 30 35 40 45 Reverse Voltage - VR (V)
Fig. 2 - Typical Values Of Reverse Current Vs. Reverse Voltage (Per Leg)
10000
10
Junction Capacitance - C T (p F)
T = 25C J
T = 25C J
1000
1 0 0.2 0.4 0.6 0.8 1 1.2 1.4 Forward Voltage Drop - V FM (V) 1.6
100 0 5 10 15 20 25 30 35 40 45 Reverse Voltage - VR (V)
Fig. 1 - Max. Forward Voltage Drop Characteristics (PerLeg)
1
D = 0.75 D = 0.50 D = 0.33 D = 0.25 D = 0.20
Fig. 3 - Typical Junction Capacitance Vs. Reverse Voltage (Per Leg)
thJC
(C/W)
0.1
Thermal Impedance Z
PDM
t1
0.01
Single Pulse (Thermal Resistance)
t2
Notes: 1. Duty factor D = t1/ t2 2. Peak Tj = Pdm x ZthJC + Tc
0.001 0.00001
0.0001
0.001 0.01 0.1 1 t 1 , Rectangular Pulse Duration (Seconds)
10
100
Fig. 4 - Max. Thermal Impedance ZthJC Characteristics (Per Leg)
www.irf.com
3
160CNQ... Series
Bulletin PD-2.316 05/00
160
Allowable Case Temperature (C) Average Power Loss (Watts)
80 70 60 50
RMS Limit D = 0.75 D = 0.50 D = 0.33 D = 0.25 D = 0.20
140
DC
120
40 30 20 10 0
DC
100 Square wave (D = 0.50)
80% Rated Vr applied
80
see note (2)
60 0 20 40 60 80 100 120
Average Forward Current - IF(AV) (A) Fig. 5 - Max. Allowable Case Temperature Vs. Average Forward Current (Per Leg)
Non-Repetitive Surge Current - IFSM (A)
0
20
40
60
80
100
120
Average Forward Current - IF(AV) (A) Fig. 6 - Forward Power Loss Characteristics (Per Leg)
10000
1000
At Any Rated Load Condition And With Rated Vrrm Applied Following Surge
100 10
100
1000
10000
Square Wave Pulse Duration - tp (microsec) Fig. 7 - Max. Non-Repetitive Surge Current (Per Leg)
L H IG H - SP E E D SW IT C H FR E E - W H E E L D IO D E 40 HFL4 0 S02 V d = 2 5 V o lt
D UT
IRFP4 60 Rg = 25 ohm
+
C UR R E N T M O N IT O R
Fig. 8 - Unclamped Inductive Test Circuit
(2) Formula used: TC = TJ - (Pd + PdREV) x RthJC ; Pd = Forward Power Loss = IF(AV) x V FM @ (IF(AV) / D) (see Fig. 6); PdREV = Inverse Power Loss = VR1 x IR (1 - D); IR @ VR1 = 80% rated VR
4
www.irf.com
160CNQ... Series
Bulletin PD-2.316 05/00
WORLD HEADQUARTERS: EUROPEAN HEADQUARTERS: IR CANADA: IR GERMANY: IR ITALY: IR FAR EAST: IR SOUTHEAST ASIA: IR TAIWAN:
233 Kansas St., El Segundo, California 90245 U.S.A. Tel: (310) 322 3331. Fax: (310) 322 3332. Hurst Green, Oxted, Surrey RH8 9BB, U.K. Tel: ++ 44 1883 732020. Fax: ++ 44 1883 733408. 15 Lincoln Court, Brampton, Markham, Ontario L6T3Z2. Tel: (905) 453 2200. Fax: (905) 475 8801. Saalburgstrasse 157, 61350 Bad Homburg. Tel: ++ 49 6172 96590. Fax: ++ 49 6172 965933. Via Liguria 49, 10071 Borgaro, Torino. Tel: ++ 39 11 4510111. Fax: ++ 39 11 4510220. K&H Bldg., 2F, 30-4 Nishi-Ikebukuro 3-Chome, Toshima-Ku, Tokyo, Japan 171. Tel: 81 3 3983 0086. 1 Kim Seng Promenade, Great World City West Tower,13-11, Singapore 237994. Tel: ++ 65 838 4630. 16 Fl. Suite D.207, Sec. 2, Tun Haw South Road, Taipei, 10673, Taiwan. Tel: 886 2 2377 9936.
www.irf.com
5


▲Up To Search▲   

 
Price & Availability of 160CNQ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X